PART |
Description |
Maker |
9272006U1000 9272006100 9272006U500 |
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
|
List of Unclassifed Man...
|
APT20M38SVFR APT20M38BVFRG APT20M38BVFR06 APT20M38 |
Power FREDFET; Package: D3 [S]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
1346005 |
22 AWG stranded (7x30) TC conductor, FEP insulation
|
List of Unclassifed Man...
|
845101015000 |
22 AWG stranded (7x30) TC conductors, polypropylene insulation
|
List of Unclassifed Man...
|
93180605000 |
18 AWG pairs stranded (19x30) tinned copper conductors,
|
List of Unclassifed Man...
|
1700-10 |
.050 28 AWG Stranded, Mass Terminatable Pair, PVC
|
3M Electronics
|
91800601000 |
110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
|
List of Unclassifed Man...
|
9505060U1000 9505060U500 9505060100 95050601000 95 |
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
9842 984206010000 |
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
|
List of Unclassifed Man...
|
82442877U1000 |
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
|
List of Unclassifed Man...
|
7961A1SW2000 |
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
|
List of Unclassifed Man...
|